PART |
Description |
Maker |
SP481EMN-L/TR SP485EMN-L SP485EMN-L/TR SP481EMN/TR |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
SP483ECP-L |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
Exar Corporation
|
SP483E SP483ECN SP483ECP SP483EEN SP483EEP SP483EC |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
SP485EN |
Low Power Half-Duplex RS-485 Transceivers
|
SIPEX
|
SP3485EN-L |
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
|
Exar Corporation
|
1A212 |
High-Performance DUPLEX(Half-Duplex Communication) 高性能双工(半双工通信
|
Mitel Networks Corporat... Mitel Networks, Corp.
|
MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX1 |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN 5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
|
http:// Maxim Integrated Products
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SP3481 SP3485 SP3485CN SP3485CP SP3485EN SP3485EP |
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate Cermet Potentiometer; Resistance Max:10kohm; Resistance Tolerance: /- 10 %; Power Rating:1W; Voltage Rating:350V; Series:149; Temperature Coefficient: /-150 ppm; Resistor Element Material:Cermet; Leaded Process Compatible:Yes
|
SIPEX[Sipex Corporation]
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
SP491EEN-L |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
FX579 |
Half Duplex GMSK Modem
|
CONSUMER MICROCIRCUITS LIMITED
|